Part Number Hot Search : 
X9319UP8 AO6400 A112M RD43FF06 JSCB3 DR4000 041MR V175ME10
Product Description
Full Text Search
 

To Download INA6006AP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  INA6006AP1 for low frequency amplify application silicon pnp epitaxial type isahaya electronics corporation description INA6006AP1 is a silicon pnp transistor. it is designed with high voltage. feature ?small package for easy mounting. ?high voltage v ceo = -150v ?low voltage vce(sat) = -0.5v(max) ?complementary inc6006ap1 application high voltage switching. outline drawing unit m aximum ratingta=25 symbol parameter rating unit v cbo collector to base voltage -160 v v ebo emitter to base voltage -5 v v ceo collector to emitter voltage -150 v i cm peak collector current -200 ma i c collector current -100 ma p c collector dissipation(ta=25) 500 mw t j junction temperature 150 t stg storage temperature -55150 electrical characteristicsta=25 symbol parameter test conditions limits unit min typ max v (br)cbo c to b break down voltage i c =-100ai e =0ma -160 - - v v (br)ebo e to b break down voltage i e =-10ai c =0ma -5 - - v v (br)ceo c to e break down voltage i c =-1mar be = -150 - - v i cbo collector cut off current v cb =-120vi e =0ma - - -100 na i ebo emitter cut off current v eb =-3vi c =0ma - - -100 na 1 dc forward current gain1 vce=-5vi c =-1ma 45 - - - 2 dc forward current gain2 vce=-5vi c =-10ma 90 - 270 - 3 dc forward current gain3 vce=-5vi c =-50ma 45 - - - vce(sat)1 c to e saturation voltage1 i c =-10mai b =-1ma - - -0.2 v vce(sat)2 c to e saturation voltage2 i c =-50mai b =-5ma - - -0.5 v vbe(sat)1 b to e saturation voltage1 i c =-10mai b =-1ma - - -1.0 v vbe(sat)2 b to e saturation voltage2 i c =-50mai b =-5ma - - -1.0 v vbe(on) b to e on voltage vce=-5vi c =-10ma - - -0.77 v ft gain bandwidth product vce=-10vi e =10ma 100 - 300 mhz cob collector output capacitance vcb=-10vi e =0maf=1mhz - 2.8 6 pf be w type name lot h fe item marking ?O?A : ?? : ? : ?` eiaj : sc-62 jedec : 4.2 max e c b 4.6 max 1.6 2.5 3.0 1.5 0.53 ma x 0.48 max 0.8 min 1.5 0.4 ?` terminal connector eemitter ccollector bbase jedecD marking jeita:sc-62 jedec:sot-89
INA6006AP1 for low frequency amplify application silicon pnp epitaxial type isahaya electronics corporation typicial characteristics 0 200 400 600 800 1000 0 25 50 75 100 125 150 collector dissipation pc (mw) ambient temperature ta () collector dissipation-ambient temperature -10 -100 -1000 -0.01 -0.1 -1 -10 -100 dc forward current gain hfe collector current ic(ma) dc forward current gain vs. collector current vce=-5v 85 25 -40 -0.01 -0.1 -1 -10 -100 -0 -0.2 -0.4 -0.6 -0.8 -1 collector current ic(ma) base to emitter voltage vbe (v) common emitter transfer vce=-5v 25 85 -40 -0.01 -0.1 -1 -0.01 -0.1 -1 -10 -100 collector to emittersaturation voltage vce(sat) v) collector current ic(ma) collector to emittersaturation voltage vs. collector current ic/ib=10 85 25 -40 -0.1 -1 -10 -0.01 -0.1 -1 -10 -100 collector to emittersaturation voltage vce(sat) v) collector current ic(ma) base to emittersaturation voltage vs. collector current ic/ib=10 85 25 -40 -0 -10 -20 -30 -40 -50 -60 -70 -0 -5 -10 -15 -20 collector current ic (ma) collector emitter voltage vce (v) common emitter output ta=25 ib=0 ib=300ua ib=250ua ib=200ua ib=150ua ib=100ua ib=50ua
INA6006AP1 for low frequency amplify application silicon pnp epitaxial type isahaya electronics corporation 1 10 100 1000 0.1 1 10 100 gain band width product t (mh) emitter current ie (a) gain band width product vs. emitter current ta=25 vce=-10v 1 10 100 -0.1 -1 -10 -100 collector output capacitance cob (pf) collector to base voltage vcb (v) collector output capacitance vs. collector to base voltage ta=25 f=1mhz -0.001 -0.01 -0.1 -1 -0.01 -0.1 -1 -10 -100 -1000 collector current ic(a) collector to emitter voltage vce (v) aso ta=25 single pulse vceomax=-150v dc(0.5w) 100msec 10msec icmax=-0.1a 1msec 1sec icmmax=-0.2a 1 10 100 -0.1 -1 -10 collector input capacitance cib (pf) emitter to base voltage veb (v) collector input capacitance vs. base to emitter voltage ta=25 f=1mhz
6 - 41 tsukuba, isahaya, nagasaki, 854 - 0065 japan keep safety first in your circuit designs! isahaya electronics corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility th at trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropri ate measures such as ( 1) placement of substitutive, auxiliary, ( 2) use of non - farmable material or ( 3) prevention against any malfunct ion or mishap. notes regarding these materials these materials are intended as a reference to our customers in the selection of the isah aya products best suited to the customer?s application; they don't convey any license under any intellectual prop erty rights, or any other rights, belonging isahaya or third party. isahaya electronics corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagram s, charts or circuit application examples contained in these materials . all information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, a nd are subject to change by isahaya electronics corporation without notice due to product improvements or other reasons. it is therefore recommended that customers contact isahaya electronics corporation or an authorized isahaya products distr ibutor for the latest product information before purchasing product listed herein. isahaya electronics corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human lif e is potentially at stake. please contact isahaya electronics corporation or an authorized isahaya products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transpor tation, vehicular, medical, aerospace, nuclear, or undersea repeater use. the prior written approval of isahaya electronics corporation is necessary to reprint or reproduce in whole or in part these materials. if these products or technolo gies are subject to the japanese export control restrictions, they must be exported under a license from the japanese government and cannot be imported into a country other than the approved destination. any diversion or re - export contrary to t he export control laws and regulations of japan and/or the country of destination is prohibited. please contact isahaya electronics corporation or authorized isahaya products distributor for further details on these materials or the product s contained therein. mar.2013


▲Up To Search▲   

 
Price & Availability of INA6006AP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X